Part Number Hot Search : 
BCD210DC TPC803 UPD780 BULK3 00EN2 DM81LS97 SM120 15536
Product Description
Full Text Search
 

To Download 30KW300A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  12/9/2013 features ? plastic package has underwriters laboratory flammability classification 94v-0 ? glass passivated junction ? 30000w peak pulse power capability on 10/1000 s waveform ? excellent clamping capability ? repetition rate (duty cycle):0.05% ? low incremental surge resistance ? fast response time: typically less than 1.0 ps from 0 volts to bv ? high temperature soldering guaranteed: 265c/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension mechanical data case:molded plastic over glass passivated junction terminals: plated axial leads, solderable per mil-std-750, method 2026 polarity: color band denoted positive end (cathode) except bipolar mounting position: any weight: 0.07 ounce, 2.1 gram ratings at 25c ambient temperature unless otherwise specified. rating symbol value units peak pulse power dissipation on 10/1000 s waveform (note 1) peak pulse current of on 10-1000 s waveform (note 1) steady state power dissipation at tl=75 c lead lengths.375", (9.5mm)(note 2) peak forward surge current, 8.3ms sine-wave superimposed on rated load, (jedec method) (note 3) operatings and storage temperature range t j , t stg -55 to +175 c notes: 1.non-repetitive current pulse, per fig.3 and derated above ta=25 c per fig.2. 2.mounted on copper pad area of 0.8x0.8" (20x20mm) per fig.5. 3.8.3ms single half sine-wave, or equivalent square wave, duty cycle=4 pulses per minutes maximum certified rohs compliant ul file # e223026 30000 watt peak pulse power p ppm minimum 30000 watts mde semiconductor, inc. 78-150 calle tampico, unit 210, la quinta, ca., usa 92253 tel: 760-564-8656 ? fax: 760-564-2414 1-800-831-4881 email: sales@mdesemicondutor.com web: www.mdesemiconductor.com maximum ratings and characteristics electrical characteristics apply in both directions. for bidirectional use c or ca suffix for types 28kw30 thru types 30kw400 devices for bipolar applications 30kw series glass passivated junction transient voltage suppressor voltage-28.0 to 400 volts i fsm 400.0 amps i ppm see table 1 amps p m (av) 8.0 watts p-600 1.0(25.40) min .360(9.14) .340(8.64) dia .360(9.14) .340(8.64) .052(1.32) 1.0(25.40) min .048(1.22) dimensions in inches (milimeters)
12/9/2013 30kw series rating and characteristic curves mde semiconductor, inc. 78-150 calle tampico, unit 210, la quinta, ca., usa 92253 tel: 760-564-8656 ? fax: 760-564-2414 1-800-831-4881 email: sales@mdesemicondutor.com web: www.mdesemiconductor.com 3.0 4.0 150 0 1.0 2.0 tr = 10sec . peak value i ppm tj = 25 c pulse width(td)is defined as the point where the peak current decays to 50% of i ppm 10/1000sec.waveform as defined by r.e.a. td fig.3 - pulse waveform 4.0 50 half value - i ppm 2 100 i ppm - peak pulse current,% i rsm 3.0 0 t - time(ms) 0 12.5 25 37.5 50 62.5 75 87.5 100 0 25 50 75 100 125 150 175 200 fig.2 - pulse derating curve peak pulse power (p pp ) or current (i pp ) derating in percentage,% t a - ambient temperature ( c) 10000 0.1 10 1 100 1000 1,000 10,000 td pulse width 1 sec fig. 1 peak pulse power rating 1 10 100 non - repetitive pulse waveform shown in fig. 3t a = 25oc 100,000 pppm 1 peak pulse power 1 kw
12/9/2013 30000 watt tvs uni-polar bi-polar reverse standoff voltage v rwm (v) breakdown voltage v br (v) min. @ i t test current (i t ) ma maximum clamping voltage @i pp vc (v) peak pulse current i pp (a) reverse leakage @ v rwm i r (a) 30kw28a 30kw28ca 28.00 31.3 50 50.0 606.0 5000 30kw30a 30kw30ca 30.00 33.5 50 55.2 548.9 5000 30kw33a 30kw33ca 33.00 36.9 50 58.5 517.2 5000 30kw36a 30kw36ca 36.00 40.2 50 61.8 490.3 5000 30kw39a 30kw39ca 39.00 43.6 20 67.2 450.9 2000 30kw42a 30kw42ca 42.00 46.9 10 72.0 420.8 1000 30kw43a 30kw43ca 43.00 48.0 10 73.0 415.1 1000 30kw45a 30kw45ca 45.00 50.3 5 77.4 391.5 250 30kw48a 30kw48ca 48.00 53.6 5 81.6 371.3 150 30kw51a 30kw51ca 51.00 57.0 5 86.4 350.7 50 30kw54a 30kw54ca 54.00 60.3 5 91.4 331.5 20 30kw58a 30kw58ca 58.00 64.8 5 92.4 327.9 20 30kw60a 30kw60ca 60.00 67.0 5 102.0 297.1 15 30kw64a 30kw64ca 64.00 71.5 5 104.0 291.3 10 30kw66a 30kw66ca 66.00 73.7 5 107.0 283.2 10 30kw70a 30kw70ca 70.00 78.2 5 109.0 278.0 10 30kw71a 30kw71ca 71.00 79.3 5 111.5 271.7 10 30kw72a 30kw72ca 72.00 80.4 5 114.0 265.8 10 30kw75a 30kw75ca 75.00 83.8 5 119.4 253.8 10 30kw78a 30kw78ca 78.00 87.1 5 129.0 234.0 10 30kw84a 30kw84ca 84.00 93.8 5 139.2 217.7 10 30kw90a 30kw90ca 90.00 100.5 5 146.4 207.0 10 30kw96a 30kw96ca 96.00 107.2 5 156.0 194.2 10 30kw102a 30kw102ca 102.00 113.9 5 165.6 183.0 10 30kw108a 30kw108ca 108.00 120.6 5 175.2 172.9 10 30kw120a 30kw120ca 120.00 134.0 5 194.4 155.9 10 30kw132a 30kw132ca 132.00 147.4 5 213.0 142.3 10 30kw144a 30kw144ca 144.00 160.8 5 223.2 135.8 10 30kw150a 30kw150ca 150.00 167.6 5 233.4 129.8 10 30kw156a 30kw156ca 156.00 174.3 5 245.0 123.7 10 30kw160a 30kw160ca 160.00 178.7 5 252.6 120.0 10 30kw168a 30kw168ca 168.00 187.7 5 272.4 111.2 10 30kw170a 30kw170ca 170.00 189.9 5 275.0 110.2 10 30kw180a 30kw180ca 180.00 201.1 5 290.4 104.3 10 30kw198a 30kw198ca 198.00 221.2 5 319.8 94.7 10 30kw216a 30kw216ca 216.00 241.3 5 348.6 86.9 10 30kw240a 30kw240ca 240.00 268.1 5 387.0 78.3 10 30kw258a 30kw258ca 258.00 288.2 5 416.4 72.8 10 30kw260a 30kw260ca 260.00 290.4 5 416.0 72.8 10 30kw270a 30kw270ca 270.00 301.6 5 436.2 69.5 10 30kw280a 30kw280ca 280.00 312.8 5 464.0 65.3 10 30kw288a 30kw288ca 288.00 321.7 5 469.9 64.5 10 30KW300A 30kw300ca 300.00 333.0 5 483.0 62.0 10 30kw350a 30kw350ca 350.00 389.0 5 564.0 53.0 10 30kw400a 30kw400ca 400.00 444.0 5 644.0 46.0 10 for bidirectional type having vrwm of 40 volts and less, the ir limit is double. for parts without a , the v br is + 10% certified rohs compliant ul file # e223026 mde semiconductor, inc. 78-150 calle tampico, unit 210, la quinta, ca., usa 92253 tel: 760-564-8656 ? fax: 760-564-2414 1-800-831-4881 email: sales@mdesemicondutor.com web: www.mdesemiconductor.com


▲Up To Search▲   

 
Price & Availability of 30KW300A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X